Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6180B1UC06 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6180B1UC06
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180B1UC06 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6180B1UC06 Datasheet HTML 1Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 2Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 3Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 4Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 5Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 6Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 7Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 8Page - Micro Analog systems MAS6180B1UC06 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 (13)
DA6180B.003
17 September, 2014
6)
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
- 0.3
3.6
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-40
+85
°C
Storage Temperature
TST
- 55
+150
°C
Note: Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it
will not be destroyed.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 1.5V, Temperature = 27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
1.1
1.5
3.6
V
Current Consumption
IDD
VDD=1.5 V, Vin=0 µVrms
VDD=1.5 V, Vin=20 mVrms
VDD=3.6 V, Vin=0 µVrms
VDD=3.6 V, Vin=20 mVrms
31
24
66
40
68
42
85
65
µ
A
Stand-By Current
IDDoff
See note below.
0.1
µ
A
Input Frequency Range
fIN
40
100
kHz
Minimum Input Voltage
VIN min
0.4
1
µ
Vrms
Maximum Input Voltage
VIN max
20
mVrms
Receiver Input Resistance
Receiver Input Capacitance
RRFI
CRFI
Differential Input,
f=40 kHz…77.5 kHz
600
1.1
kΩ
pF
Input Levels |lIN|<0.5 µA
VIL
VIH
VDD-0.35
0.35
V
Output Current
VOL<0.2 VDD;VOH >0.8 VDD
|IOUT|
5
µ
A
DCF77 Output Pulses
T 100ms
T 200ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
95
195
ms
MSF Output Pulses
T 100ms
T 200ms
T 300ms
T 500ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
120
220
320
520
ms
WWVB Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
200
500
800
ms
JJY60 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
210
505
800
ms
JJY40 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN ≤
20 mVrms, see note below!
200
495
790
ms
Startup Time
TStart
Fast Start-up, Vin=0.4 µVrms
Fast Start-up, Vin=20 mVrms
1.3
3.5
s
Output Delay Time
TDelay
50
100
ms
Note: Stand-by current consumption may increase if V IH and V IL differ from VDD and 0 respectively.
Note: See Note 6: Time Signal Software’s Pulse Width Recognition Limits and Table 5 on page 8!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com