Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS841 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AS841
Description  10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS841 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AS841 Datasheet HTML 3Page - Texas Instruments SN74AS841 Datasheet HTML 4Page - Texas Instruments SN74AS841 Datasheet HTML 5Page - Texas Instruments SN74AS841 Datasheet HTML 6Page - Texas Instruments SN74AS841 Datasheet HTML 7Page - Texas Instruments SN74AS841 Datasheet HTML 8Page - Texas Instruments SN74AS841 Datasheet HTML 9Page - Texas Instruments SN74AS841 Datasheet HTML 10Page - Texas Instruments SN74AS841 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN54ALS842, SN74ALS842
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SDAS059B – D2910, DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
recommended operating conditions
SN54ALS842
SN74ALS842
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low level output current
12
24
mA
IOL
Low-level output current
48†
mA
tw
Pulse duration, C high
25
20
ns
tsu
Setup time, data before C
↓
16
10
ns
th
Hold time,, data after C
↓
7
5
ns
TA
Operating free-air temperature
–55
125
0
70
°C
† The 48-mA limit applies only to the – 1 versions and only if VCC is maintained between 4.75 V and 5.25 V.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS842
SN74ALS842
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V,
IOH = – 2.6 mA
2.4
3.2
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
VCC = 4.75 V,
IOL = 48 mA (- 1 versions)
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2. 7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
Outputs high
20
35
20
35
ICC
VCC = 5.5 V
Outputs low
48
74
48
74
mA
Outputs disabled
27
44
27
44
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com