Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07654 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07654
Description  SAW Resonator 300MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07654 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07654 Datasheet HTML 1Page - Golledge Electronics Ltd MA07654 Datasheet HTML 2Page - Golledge Electronics Ltd MA07654 Datasheet HTML 3Page - Golledge Electronics Ltd MA07654 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Resonator 300MHz
Model: TC0267A
Part No: MA07654
REV. NO.: 1
TC0267A v1
1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 12 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency Fr
MHz
299.925
300
300.075
Insertion Loss IL
dB
-
1.7
2.5
Equivalent Elements
Motional capacitance C1
fF
-
3.46
-
Motional inductance L1
µH
-
81.136
-
Motional resistance R1
Ohm
-
18.89
-
Parallel capacitance Co
pF
-
5.08
-
Temp.coeff.
ppm/°C
2
-
0.032
-
Turnover To
deg.C
10
25
40
Package size
SMD 3.8X3.8X1.2mm
D. OUTLINE DRAWING:


Similar Part No. - MA07654

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07610 GOLLEDGE-MA07610 Datasheet
199Kb / 5P
SAW Filter 415.40MHz
MA07611 GOLLEDGE-MA07611 Datasheet
179Kb / 6P
SAW Filter 415.40MHz
MA07614 GOLLEDGE-MA07614 Datasheet
73Kb / 6P
1842.50MHz SAW Filter
MA07630 GOLLEDGE-MA07630 Datasheet
369Kb / 6P
SAW Filter 916.450MHz
MA07632 GOLLEDGE-MA07632 Datasheet
509Kb / 7P
SAW Filter 80.0MHz
More results

Similar Description - MA07654

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Golledge Electronics Lt...
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
SAW Filter 300MHz
MP02017 GOLLEDGE-MP02017 Datasheet
74Kb / 6P
SAW Filter 300MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com