Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17606 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17606
Description  Secondary-Side Synchronous MOSFET Driver for Flyback Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17606 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17606 Datasheet HTML 1Page - Maxim Integrated Products MAX17606 Datasheet HTML 2Page - Maxim Integrated Products MAX17606 Datasheet HTML 3Page - Maxim Integrated Products MAX17606 Datasheet HTML 4Page - Maxim Integrated Products MAX17606 Datasheet HTML 5Page - Maxim Integrated Products MAX17606 Datasheet HTML 6Page - Maxim Integrated Products MAX17606 Datasheet HTML 7Page - Maxim Integrated Products MAX17606 Datasheet HTML 8Page - Maxim Integrated Products MAX17606 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX17606 is a secondary-side synchronous driver
and controller specifically designed for the isolated flyback
topology operating in Discontinuous Conduction Mode
(DCM) or Border Conduction Mode (BCM). By replacing
the secondary diode with a MOSFET, the device improves
the efficiency and simplifies thermal management. The
7V VDRV of the device makes it suitable for switching
both logic-level and standard MOSFETs used for flyback
synchronous rectification. The 36V input voltage allows
it to drive from either the output voltage or rectified drain
voltage of the secondary MOSFET. Programmable minimum
on and off-times provide flexibility needed to handle
transformer parasitic element-related ringing in a robust
manner. With 2A/4A source/sink currents, the MAX17606
is ideal for driving low RDS(on) power MOSFETs with fast
gate transition times.
Benefits and Features
● Wide 4.5V to 36V Input
● 2A/4A Peak Source/Sink Gate Drive Currents
● Suitable for Discontinuous Conduction Mode (DCM),
Border Conduction Mode (BCM)
● 320µA (typ) Low Quiescent Current
● Programmable Turn-Off Trip Point
● Programmable Minimum Off-Time to Handle DCM
Ringing
● Thermal-Shutdown Protection
● 6-Lead SOT-23 Package
Applications
● High-Efficiency Isolated Flyback Converters
Ordering Information appears at end of data sheet.
19-7758; Rev 0; 10/15
MAX17606
Secondary-Side Synchronous MOSFET Driver
for Flyback Converters
Typical Application Circuit for 24V to 5V, 3A Isolated Flyback Converter
C1
4.7µF
x4
C2
0.1µF
VIN
VIN
EN/UVLO
IN
SGND
OVI
EP
SS
DITHER
RT
VDRV
R5
47Ω
C4
1nF
R1
49.9kΩ
T1
VOUT
U1
MAX17597
R8
470kΩ
R11
470Ω
R12
1.5kΩ
R13
487Ω
C8
0.22µF
U4
U2
MAX17606
5V,3A
C3
22nF
PGND
R9
4.7Ω
D1
C10
2.2µF
R14
100kΩ
T1-WE750342955
Q1-FDMS86102LZ
Q2-BSZ040N04LSG
C5
1nF
R7
0.02Ω
Q1
R6
220Ω
NDRV
CS
0
R10
2.74kΩ
Q2
C7
2.2µF
0
DRN
GATE
VDRV
C9
100µF
6x
VOUT
TOFF
GND
0
0
C6
2.2µF
4
3
1
2
U3
R2
49.9kΩ
COMP
FB
R3
10.5kΩ
0
R4
22kΩ
VIN


Similar Part No. - MAX17606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
2Mb / 12P
One 18V??6V DC, 2A power supply
Rev 0; 11/15
MAX17606SFBEVKIT MAXIM-MAX17606SFBEVKIT Datasheet
2Mb / 12P
One 18V??6V DC, 2A power supply
Rev 0; 11/15
More results

Similar Description - MAX17606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901 LINER-LTC3901 Datasheet
229Kb / 16P
Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
LTC3901 LINER-LTC3901_15 Datasheet
239Kb / 16P
Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com