Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPT20008 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # MTPT20008
Description  Three-Phase Bridge Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT20008 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  MTPT20008 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT20008 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT20008 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT20008 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT20008 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
150
250
200
150
100
50
0
0.5
1.0
max.
1000
100
10
T
=25
j
°C
max
.
Fig.9 SCR forward characteristics
Fig.7 SCR forward current derating curve
Fig.10 Gate trigger characteristics
Fig.8 SCR transient thermal impedance
2.5
2.0
1.5
100
50
T (°C)
c
Time (S)
V (V)
TM
I (mA)
G
Page 5 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
MTPT200 Series
10
0.1
100
1000
10
000
1
2
0
Peak Forward Gate Voltage (10V)
Maximum Gate Non-Trigger Voltage
125ºC
-40ºC
25ºC
1
0
0.001
0.20
0.10
0
Zth(j-C)
100
10
1.0
0.1
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com