Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17682 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17682
Description  4.5V to 42V Input, Ultra-Small
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17682 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17682 Datasheet HTML 1Page - Maxim Integrated Products MAX17682 Datasheet HTML 2Page - Maxim Integrated Products MAX17682 Datasheet HTML 3Page - Maxim Integrated Products MAX17682 Datasheet HTML 4Page - Maxim Integrated Products MAX17682 Datasheet HTML 5Page - Maxim Integrated Products MAX17682 Datasheet HTML 6Page - Maxim Integrated Products MAX17682 Datasheet HTML 7Page - Maxim Integrated Products MAX17682 Datasheet HTML 8Page - Maxim Integrated Products MAX17682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VIN = VEN = 24V, RRT = 82.5kΩ (250kHz), VSGND = VPGND = VSYNC = 0V, CVCC = 2.2μF, VFB = 1V, VBST to LX = 5V, LX = RESETB
= SS = COMP = unconnected. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are
referenced to SGND, unless otherwise noted.) (Note 2)
Note 2: All limits are 100% tested at +25°C. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by design and characterization.
Note 3: See the Overcurrent Protection/Hiccup Mode section for more details.
Note 4: Guaranteed by design, not production tested.
MAX17682
4.5V to 42V Input, Ultra-Small, High-Efficiency,
Iso-Buck DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESETB
RESETB Output Level Low
IRESETB = 10mA
0.4
V
RESETB Output Leakage
Current High
TA = TJ = 25°C
0.1
μA
FB Threshold for RESETB
Assertion
VFB-OKF
VFB falling
90.5
92
94.6
%VFB-
REG
FB Threshold for RESETB
Deassertion
VFB-OKR
VFB rising
93.8
95
97.8
%VFB-
REG
RESETB Delay After FB Reaches
95% Regulation
VFB rising
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Temperature rising
165
°C
Thermal Shutdown Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com