Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM58321 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM58321 Datasheet HTML 1Page - OKI electronic componets MSM58321 Datasheet HTML 2Page - OKI electronic componets MSM58321 Datasheet HTML 3Page - OKI electronic componets MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
¡ Semiconductor
MSM58321
10
CS1
CS2
D0 ~ D3
(ADDRESS/DATA)
ADDRESS WRITE
WRITE
IC internal
ADDRESS
IC internal DATA
,,,,,
,,,,,,,,
,,,,,,,,,,,,,,,
H
L
tCS
tAS
tAW tAH tDS
tWW tDH
tCH
High Impedance
ADDRESS
DATA
Write Cycle
Note: ADDRESS WRITE and WRITE inputs are activated by the level, not by the edge.
Rating
Symbol
Condition
Max.
Unit
–
–
–
–
–
–
–
–
(VDD = 5V ±5%, Ta = 25°C)
(1) WRITE mode
–
–
–
–
–
–
–
–
Typ.
–
–
–
–
–
–
–
–
Min.
0
0
0
0.5
0.1
0
2
0
tCS
tCH
tAS
tAW
tAH
tDS
tWW
tDH
Switching Characteristics
CS setup time
CS hold time
Address setup time
Address write pulse width
Address hold time
Data setup time
Write pulse width
Data hold time
µs
µs
µs
µs
µs
µs
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com