Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP40DG Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP40DG
Description  40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP40DG Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP40DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 2Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 3Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP40DG Series
www.gztoppower.com
TEL
:0086-20-82019000
EMAIL
:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
:
:
:
The rated output power of TP40DG converters is 40W,the outline dimensions is "50.8*50.8*12.7",
2:1,4:1 input voltage range ,the voltage range is 9V-18V, 9V-36V,18V-36V,36V-72V.The accuracy
of the converter can reach ±1%,it can be widely used in telecommunications, railway transportation,
instrument and etc.
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
40W output power
2:1,4:1 input voltage range
Input under voltage protection
50.8mm*50.8mm*12.7mm standard package
Fixed switching frequency
Super capability with capacitive load
Long term short-circuit protection
Operating temperature: -40℃to 85℃
RoHs compliance
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ.)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP40DG12S03
12(2:1)
9-18
3.3
8
85
TP40DG12S05
12(2:1)
9-18
5
8
83
TP40DG12S12
12(2:1)
9-18
12
3.33
86
TP40DG12S15
12(2:1)
9-18
15
2.67
86
TP40DG12S24
12(2:1)
9-18
24
1.67
85
TP40DG12D05
12(2:1)
9-18
±5
±4
83
TP40DG12D12
12(2:1)
9-18
±12
±1.67
86
TP40DG12D15
12(2:1)
9-18
±15
±1.33
86
TP40DG24S03
24(2:1)
18-36
3.3
8
85
TP40DG24S05
24(2:1)
18-36
5
8
84
TP40DG24S12
24(2:1)
18-36
12
3.33
87
TP40DG24S15
24(2:1)
18-36
15
2.67
87
TP40DG24S24
24(2:1)
18-36
24
1.67
86
TP40DG24D05
24(2:1)
18-36
±5
±4
83
TP40DG24D12
24(2:1)
18-36
±12
±1.67
86
TP40DG24D15
24(2:1)
18-36
±15
±1.33
86
TP40DG48S03
48(2:1)
36-72
3.3
8
85
TP40DG48S05
48(2:1)
36-72
5
8
84
TP40DG48S12
48(2:1)
36-72
12
3.33
87
TP40DG48S15
48(2:1)
36-72
15
2.67
87
TP40DG48S24
48(2:1)
36-72
24
1.67
86
TP40DG48D05
48(2:1)
36-72
±5
±4
83
TP40DG48D12
48(2:1)
36-72
±12
±1.67
86
TP40DG48D15
48(2:1)
36-72
±15
±1.33
86
TP40DG24S05W
24(4:1)
9-36
5
8
84
TP40DG24S12W
24(4:1)
9-36
12
3.33
87
TOPPOWER


Similar Part No. - TP40DG

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG12D05 TOPPOWER-TP40DG12D05 Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP40DG12D05 TOPPOWER-TP40DG12D05 Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG12D12 TOPPOWER-TP40DG12D12 Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
More results

Similar Description - TP40DG

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_V01 Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com