Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP20DC Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP20DC
Description  20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DC Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP20DC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP20(30)DC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 3
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP
Package
Package
Package
Package
PIN
Single
1
+Vin
2
-Vin
3
-V0
4
TRIM
5
+V0
6
CNT
B Package MECHANICAL DIMENSIONS
B Package PIN CONNECTION
DIP
Package
Package
Package
Package
PIN
Single
1
+Vin
2
-Vin
3
CNT
4
TRIM
5
GND
6
+V0
TEMPERATURE CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolated voltage
Input--Output
1500
VDC
Isolated voltage
Input--case
1500
VDC
Isolated voltage
Output--case
500
VDC
Switch frequency
330
KHZ
Mean time between failures
Mil HDBK 217F Tc=25
℃
2×10
6
case temperature
-40
+95
℃
Storage temperature
-55
+125
℃
Relative humidity
10
90
%
short circuit protection
Long-term short circuit protection,Automatic recovery
Module in every environment temperature rating, case temperature under shall not
Units
:mm
Tolerance:±0.2mm
Units
:mm
Tolerance:±0.2mm
50.80
25.40
10.16
10.16
15.24
20.32
11.20
>4.00
1.00
1.20
5.08
1
2
5
4
3
底视图
7.62
6
1.00
底视图
2
1
3
50.80
6
5
4
45.72
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com