Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1412-Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1412-Z
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1412-Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1412-Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1412-Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SA1412-Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BVCBO
Collector-Base Breakdown Voltage IC=-1mA; IB=0
-500
V
BVCEO
Collector-Emitter Breakdown Voltage IC=-10mA; IB=0
-400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1.0A; IB=- 0.2A
-1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1.0A; IB=- 0.2A
-1.5
V
ICBO
Collector Cutoff Current
VCB= -500V; IE= 0
-10
μ
A
IEBO
Emitter Cutoff Current
VEB= -7V; IC=0
-10
μ
A
hFE-1
DC Current Cain
IC= -100mA ; VCE= -5V
40
120
hFE-2
DC Current Cain
IC= -1A ; VCE= -5V
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com