Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAV-331 Datasheet(PDF) 3 Page - Mini-Circuits

Part # SAV-331
Description  D-PHEMT Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-331 Datasheet(HTML) 3 Page - Mini-Circuits

  SAV-331 Datasheet HTML 1Page - Mini-Circuits SAV-331 Datasheet HTML 2Page - Mini-Circuits SAV-331 Datasheet HTML 3Page - Mini-Circuits SAV-331 Datasheet HTML 4Page - Mini-Circuits SAV-331 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D-PHEMT
SAV-331+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 5
Notes:
(1) Operation of this device above any one of these parameters may cause permanent damage.
(2) Assumes DC quiescent conditions, Vgs = -0.51 V, Vds = 4 V.
Absolute Maximum Ratings(1)
Symbol
Parameter
Max.
Units
V
DS
Drain-Source Voltage2
5
V
V
GS
Gate-Source Voltage2
-5
V
V
GD
Gate-Drain Voltage2
-5
V
I
DS
Drain Current2
149
mA
P
DISS
Total Dissipated Power
400
mW
P
IN
RF Input Power
20
dBm
T
CH
Channel Temperature
150
°C
T
OP
Operating Temperature
-40 to 85
°C
T
STD
Storage Temperature
-65 to 150
°C
Electrical Specifications at T
AMB=25°C, Frequency 10 to 4000 MHz
SAV-331+
D-PHEMT
Electrical Specifications at T
AMB=25°C, Frequency 10 to 4000 MHz
Page 2 of 4
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
DC Specifications
V
GS
Operational Gate Voltage
V
DS=4V, IDS=60 mA
-0.81
-0.69
-0.57
V
V
p
Pinch-off Voltage
V
DS=1.5 V, IDS= 10% of Idss
-0.81
V
I
DSS
Saturated Drain Current
V
DS=4V, VGS=0 V
228
mA
G
M
Transconductance
V
DS=4V, Gm=∆ IDSS/∆VP
282
mS
Gate to Drain Leakage Current
1000
uA
I
GSS
Gate leakage Current
V
GD=VGS=-4V
600
uA
Specifications, Z
0=50 Ohms (Figure 1)*
NF
Noise Figure
V
DS=4V, IDS=60 mA
f=40 MHz
0.9
dB
f=300 MHz
0.5
f=900 MHz
0.4
f=2000 MHz
0.5
0.8
f=4000 MHz
0.9
Gain
Gain
V
DS=4V, IDS=60 mA
f=10 MHz
24.6
dB
f=300 MHz
24.1
f=900 MHz
21.3
f=2000 MHz
13.9
16.6
18.3
f=4000 MHz
11.5
OIP3
Output IP3
V
DS=4V, IDS=60 mA
f=10 MHz
30.9
dBm
f=300 MHz
32.3
f=900 MHz
33.5
f=2000 MHz
35.5
f=4000 MHz
38.7
P1dB
Power output at 1
dB Compression
V
DS=4V, IDS=60 mA
f=10 MHz
19.1
dBm
f=300 MHz
19.6
f=900 MHz
18.0
20.2
f=2000 MHz
18.9
21.1
f=4000 MHz
21.8
Thermal Resistance
109
°C/W
* Tested on Mini-Circuits TB-471+ test board.
V
GD=-5V
I
GDO
ΘJC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com