Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP35W Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTP35W
Description  Glass Passivated Triple-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP35W Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTP35W Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP35W Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP35W Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTP35..W
UNIT
420
08
560
700
840
600
800
1000
1200
1600
06
12
10
16
1120
600
800
1000
1200
1600
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified output current (Fig.1)
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRMS
IFSM
VDC
IF(AV)
VISO
2
I t
T ,T
J
STG
2500
840
35
-55 to 150
450
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
MTP35..W
UNIT
08
06
12
10
16
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
Typical junction capacitance per diode
VF
IR
CJ
300
1000
1.2
5
pF
voltage per diod
TEST
CONDITIONS
I = 17.5A
F
T = 25°C
A
4V, 1MHz
T = 150°C
A
THERMAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
MTP35..W
UNIT
08
06
12
10
16
Typical thermal resistance
(1) With heatsink
(1)
RθJC
0.9
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with
Notes
#10 screw
1
-
Module type: 3 phase Bridge
2
-
Current rating: I
3
-
Voltage code x 10: V
F (AV)
4
RRM
Device code
ORDERING INFORMATION TABLE
-
Package outline: W for “GBPC” package with wire lead.
2
MTP
35
10
3
1
W
4
Page 2 of 3
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
MTP35W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com