Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6578070121 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 6578070121
Description  EP Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

6578070121 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  6578070121 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP Cores (6578070121)
Part Number: 6578070121
78 EP CORE SET
EP designs reduce the effect of residual air gap upon the effective permeability of the core, hence they minimize coil
volume for a given inductance. EP cores also provide a high degree of isolation from adjacent components and are
advantageously used in low power devices, matching and broadband transformers.
•EP cores can be supplied with the center post gapped to a mechanical dimension or an A
Lvalue.
Catalog Drawing
3D Model
Weight indicates is per pair or set.
Weight: 0.7 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
990 ±25%
Ae(cm
2)
0.103
Σl/ A(cm
-1) 14.4
l
e(cm)
1.48
V
e(cm
3)
0.152
A
min(cm
2) 0.085
A
L value is measured at 1 kHz, B < 10 gauss
Fair- Rite Products Corp.   •   One Commercial Row, Wallkill, New York 12589-0288
888-324-7748   •   845-895-2055   •   Fax: 845-895-2629   •   ferrites@fair- rite.com   •   www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
9.2
± 0.20
0.362
_
B
3.7
± 0.20
0.146
_
C
6.4
± 0.20
0.252
_
D
2.7
± 0.20
0.106
_
E
7.2
min
0.284
min
F
3.3
± 0.10
0.13
_
K
1.8
min
0.070
_


Similar Part No. - 6578070121

ManufacturerPart #DatasheetDescription
logo
FCI connector
65780 FCI-CONNECTOR-65780 Datasheet
433Kb / 6P
HOUSING MATERIAL: FILLED POLYESTER
65780-001 FCI-CONNECTOR-65780-001 Datasheet
433Kb / 6P
HOUSING MATERIAL: FILLED POLYESTER
65780-002 FCI-CONNECTOR-65780-002 Datasheet
433Kb / 6P
HOUSING MATERIAL: FILLED POLYESTER
65780-003 FCI-CONNECTOR-65780-003 Datasheet
433Kb / 6P
HOUSING MATERIAL: FILLED POLYESTER
65780-004 FCI-CONNECTOR-65780-004 Datasheet
433Kb / 6P
HOUSING MATERIAL: FILLED POLYESTER
More results

Similar Description - 6578070121

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
6578100121 FAIR-RITE-6578100121 Datasheet
513Kb / 1P
EP Cores
6578130121 FAIR-RITE-6578130121 Datasheet
514Kb / 1P
EP Cores
6578170121 FAIR-RITE-6578170121 Datasheet
513Kb / 1P
EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
EP Cores
6595070121 FAIR-RITE-6595070121 Datasheet
513Kb / 1P
EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
EP Cores
6595130121 FAIR-RITE-6595130121 Datasheet
512Kb / 1P
EP Cores
6595170121 FAIR-RITE-6595170121 Datasheet
513Kb / 1P
EP Cores
6595200121 FAIR-RITE-6595200121 Datasheet
514Kb / 1P
EP Cores
6598100121 FAIR-RITE-6598100121 Datasheet
513Kb / 1P
EP Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com