Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56853 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 662 page
background image
Introduction
5685X Digital Signal Controller User Manual, Rev. 4
2-4
Freescale Semiconductor
Table 2-1. Functional Group Pin Allocations
Functional Group
Number of Pins
Detailed
Description
853
854
855
857
858
Power (VDD, VDDA, or VDD Core)
1818
1521
21
Table 2-2
Ground (VSS or VSSA)
1717
1519
24
Table 2-3
External Chip Select Signals*
39
39
39
—
39
Table 2-4
External Bus Control Signals
4444
4
Table 2-5
Host Interface (HI)*
16
16
—
16
16
Table 2-6
Quad Timer Module (TMR) Port*
4414
4
Table 2-7
Interrupt and Program Control
7777
7
Table 2-8
Serial Communication Interface (SCI0) Ports*
2222
2
Table 2-9
Serial Communication Interface (SCI1) Ports*
2222
2
Table 2-10
Enhanced Synchronous Serial Interface (ESSI0) Port*
6666
6
Table 2-11
Enhanced Synchronous Serial Interface (ESSI1) Port*
—
—
—
6
6
Table 2-12
Serial Peripheral Interface (SPI) Port*
4
4
—
4
4
Table 2-13
Clock and Phase Lock Loop (PLL)
3333
3
Table 2-14
JTAG/EOnCE
6666
6
Table 2-15
*Alternately, General-Purpose I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com