Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC809 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC809
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC809 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC809 Datasheet HTML 1Page - Analog Intergrations Corporation AIC809 Datasheet HTML 2Page - Analog Intergrations Corporation AIC809 Datasheet HTML 3Page - Analog Intergrations Corporation AIC809 Datasheet HTML 4Page - Analog Intergrations Corporation AIC809 Datasheet HTML 5Page - Analog Intergrations Corporation AIC809 Datasheet HTML 6Page - Analog Intergrations Corporation AIC809 Datasheet HTML 7Page - Analog Intergrations Corporation AIC809 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC809/AIC810
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC809-23PU
RA23P
AIC809N23PU
RB23P
AIC810-23PU
RD23P
AIC809-26PU
RA26P
AIC809N26PU
RB26P
AIC810-26PU
RD26P
AIC809-29PU
RA29P
AIC809N29PU
RB29P
AIC810-29PU
RD29P
AIC809-31PU
RA31P
AIC809N31PU
RB31P
AIC810-31PU
RD31P
AIC809-40PU
RA40P
AIC809N40PU
RB40P
AIC810-40PU
RD40P
AIC809-44PU
RA44P
AIC809N44PU
RB44P
AIC810-44PU
RD44P
AIC809-46PU
RA46P
AIC809N46PU
RB46P
AIC810-46PU
RD46P
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V ~6.5V
RESET, RESET
-0.3V ~ (VCC+0.3V)
Input Current (VCC)
20mA
Output Current (RESET or RESET )
20mA
Continuous Power Dissipation (TA = +70°C)
320mW
Operating Junction Temperature Range
-40
°C ~ 85°C
Junction Temperature
125
°C
Storage Temperature Range
- 65
°C ~ 150°C
Lead Temperature (Soldering) 10 sec
260
°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
RE SE T
VC C
GN D
A IC 8 0 9
V IN
IIN
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com