| Electronic Components Datasheet Search |
|
25LC320TI/P Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC320TI/P Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() 25AA320/25LC320/25C320 DS21227E-page 2 2004 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V Storage temperature .................................................................................................................................-65°C to 150°C Ambient temperature under bias ...............................................................................................................-40°C to 125°C ESD protection on all pins .......................................................................................................................................... 4 kV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability. DC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 5.5V Automotive (E):TA = -40°C to +125°C VCC = 2.5V to 5.5V Param. No. Sym. Characteristics Min. Max. Units Conditions D1 VIH1 High-level input voltage 2.0 VCC+1 V VCC ≥ 2.7V (Note) D2 VIH2 0.7 VCC VCC+1 V VCC< 2.7V (Note) D3 VIL1 Low-level input voltage -0.3 0.8 V VCC ≥ 2.7V (Note) D4 VIL2 -0.3 0.3 VCC VVCC < 2.7V (Note) D5 VOL Low-level output voltage —0.2 V IOL = 1.0 mA, VCC < 2.5V D6 VOH High-level output voltage VCC -0.5 — V IOH = -400 µA D7 ILI Input leakage current — ±1 µACS = VCC, VIN = VSS TO VCC D8 ILO Output leakage current —±1 µACS = VCC, VOUT = VSS TO VCC D9 CINT Internal Capacitance (all inputs and outputs) —7 pF TA = 25°C, CLK = 1.0 MHz, VCC = 5.0V (Note) D10 ICC Read Operating Current — — 1 500 mA µA VCC = 5.5V; FCLK = 3.0 MHz; SO = Open VCC = 2.5V; FCLK = 2.0 MHz; SO = Open D11 ICC Write — — 5 3 mA mA VCC = 5.5V VCC = 2.5V D12 ICCS Standby Current — — 5 1 µA µA CS = VCC = 5.5V, Inputs tied to VCC or VSS CS = VCC = 2.5V, Inputs tied to VCC or VSS Note: This parameter is periodically sampled and not 100% tested. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |