Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F320B3BC90 Datasheet(PDF) 29 Page - Intel Corporation

Part # GE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F320B3BC90 Datasheet(HTML) 29 Page - Intel Corporation

Back Button GE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 26Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 27Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 28Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 29Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 30Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 31Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 32Page - Intel Corporation GE28F320B3BC90 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
23
4.5
AC Characteristics —Read Operations
NOTES:
1. OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
2. Sampled, but not 100% tested.
See Figure 7, “AC Waveform: Read Operations” on page 26.
See Figure 5, “Input/Output Reference Waveform” on page 22 for timing measurements and maximum allowable
input slew rate.
#
Sym
Parameter
Density
4/8 Mbit
Unit
Product
90 ns
110 ns
VCC
3.0 V–3.6 V
2.7 V–3.6 V
3.0 V–3.6 V
2.7 V–3.6 V
Min
Max
Min
Max
Min
Max
Min
Max
R1
tAVAV
Read Cycle Time
80
90
100
110
ns
R2
tAVQV
Address to Output Delay
80
90
100
110
ns
R3
tELQV
CE# to Output Delay(1)
80
90
100
110
ns
R4
tGLQV
OE# to Output Delay(1)
30
30
30
30
ns
R5
tPHQV
RP# to Output Delay
600
600
600
600
ns
R6
tELQX
CE# to Output in Low Z(2)
00
0
0
ns
R7
tGLQX
OE# to Output in Low Z(2)
00
0
0
ns
R8
tEHQZ
CE# to Output in High Z(2)
25
25
25
25
ns
R9
tGHQZ
OE# to Output in High Z(2)
25
25
25
25
ns
R10
tOH
Output Hold from Address,
CE#, or OE# Change,
Whichever Occurs First(2)
00
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com