Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1318P2WCL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF1318P2WCL
Description  1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1318P2WCL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF1318P2WCL Datasheet HTML 1Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 2Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 3Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 4Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 5Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 6Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 7Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 8Page - Finisar Corporation. FTLF1318P2WCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
Product Specification
1.25 Gb/s RoHS Compliant Long-Wavelength
Pluggable SFP Transceiver
FTLF1318P2xCL
PRODUCT FEATURES
• Up to 1.25Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• 1310nm Fabry-Perot laser
transmitter
• Duplex LC connector
• RoHS compliant and Lead Free
• Up to 10 km on 9/125μm SMF
• Metal enclosure for lower EMI
• Single 3.3V power supply
• Low power dissipation <500mW
typical
• Commercial operating temperature
range: 0°C to 70°C
APPLICATIONS
• 1.25Gb/s 1000Base-LX Ethernet
• 1.06 Gb/s Fibre Channel
Finisar’s FTLF1318P2xCL Small Form Factor Pluggable (SFP) transceivers are
compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)4.
They simultaneously comply with Gigabit Ethernet as specified in IEEE Std 802.31 and
1x Fibre Channel as defined in FC-PI-2 Rev. 10.03. They are RoHS compliant and lead-
free per Directive 2002/95/EC
5 and Finisar Appl. Note AN-2038.
PRODUCT SELECTION
FTLF1318P2xCL
x
W
Wide Extraction Bail
B
Narrow Extraction Bail
© Finisar Corporation October 27, 2006 Rev. C
Page 1


Similar Part No. - FTLF1318P2WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1318P2WTL FINISAR-FTLF1318P2WTL Datasheet
760Kb / 12P
1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results

Similar Description - FTLF1318P2WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2WTL FINISAR-FTLF1318P2WTL Datasheet
760Kb / 12P
1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2XTL FINISAR-FTLF1318P2XTL Datasheet
808Kb / 12P
1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P3BTL FINISAR-FTLF1318P3BTL Datasheet
680Kb / 11P
Industrial Temperature 1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2CL FINISAR-FTLF1318P2CL Datasheet
747Kb / 10P
1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1619P1CL FINISAR-FTLF1619P1CL Datasheet
738Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com