Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF4805S Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # HDF4805S
Description  3 Watt HD Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

HDF4805S Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  HDF4805S Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd HDF4805S Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-800-634-3654
3 Watt
HD Series
MECHANICAL SPECIFICATIONS
Size (W x D x H)
1.75 x 0.81 x 0.43” (44.5 x 20.5 x 10.5 mm)
Weight
0.6 oz (16 g)
1.76
(44.5)
0.81
(20.5)
HDF–0512D
0.09
(2.29)
13 X 0.10 = 1.3
(13 X 2.54 = 33.02)
1
2
3
4
5
6
7
Date Code
Model No.
1401
IN
OUT
+ + – –
+ o –
0.44
(10.5)
0.23 ±0.02
(5.84)
Face
0.25 ±0.04
(6.35)
7-
0.025
(0.64)
Md l N
PIN #
1
2
3
4, 5
6, 7
FUNCTION-D
OUT
–
COM
OUT
+
IN
–
IN
+
FUNCTION-S
NC
OUT
–
OUT
+
IN
–
IN
+
PIN DESCRIPTION
Dimensions in inches; ( ) Dimensions in mm.
1
1.76
(44.5)
0.81
(20.5)
HDF–0512D
0.24 ±0.04
(6.1)
2
3
4
5
6
7
Date Code
Model No.
1401
IN
OUT
+ + – –
+ o –
0.44
(10.5)
Face
0.08 ±0.02
(2.03)
-5V
+5V
HDF
-0505
IN
:
+5V
OUT: –5V
IN
+
OUT
+
OUT
–
IN
–
-5V
+5V
HDF
-0505
IN
: –5V
OUT:
+5V
IN
+
OUT
+
OUT
–
IN
–
+10V
+5V
HDF
-0505
IN
:
+5V
OUT:
+10V
IN
+
OUT
+
OUT
–
IN
–
+5V
HDF
-0512
IN
:
+5V
OUT:
+24V
IN
+
OUT
+
OUT
–
IN
–
+5V
Load
G
+5V
HDF
-0512
IN
:
+5V
OUT:
+12V, +24V
IN
+
OUT
+
OUT
–
COM
IN
–
+5V
+12V
Load
G
Load
+5V
HDF
-0512
IN
:
+5V
OUT:
±24V
IN
+
OUT
+
OUT
–
IN
–
HDF
-0512
IN
+
OUT
+
OUT
–
IN
–
+24V
—24V
Load
Load
G
APPLICATION EXAMPLES
1. Reverse Polarity Output
3. Series Connection of Dual Output modules
2. Series Connection of Output with Input
4. Series Connection of Two or More Units
s The output current capacity is the same as the output current
capacity of the converter. (For example, an HDF-0505 connected
as shown above has an output rating of 10 VDC at 600 mA.
s The combined output regulation is:
(Output regulation of HDF-0505) + (Input Voltage Fluctuation)
s Because the current output from the OUT-terminal is the sum of
the +24V and the +12V outputs, this value must not exceed the
rated output current. In the HDF-0512D, this value is 125 mA.
With optional formed leads available - use "-F suffix."



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com