Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z02-200PC6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48Z02-200PC6
Description  5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02-200PC6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48Z02-200PC6 Datasheet HTML 8Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 9Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 10Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 11Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 12Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 13Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 14Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 15Page - STMicroelectronics M48Z02-200PC6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15/16
M48Z02, M48Z12
REVISION HISTORY
Table 13. Document Revision History
Date
Rev. #
Revision Details
May 1999
1.0
First issue
09-Jul-01
2.0
Reformatted; Temperature information added to tables (Table 2, 3, 4, 5, 7, 8, 9, 10); Figure
updated (Figure 10)
17-Dec-01
2.1
Remove references to “clock” in document
20-May-02
2.2
Updated VCC Noise and Negative Going Transients text
01-Apr-03
3.0
v2.2 template applied; test condition updated (Table 10)
22-Apr-03
3.1
Fix error in Ordering Information (Table 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com