Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.5ZX Datasheet(PDF) 2 Page - Recom International Power

Part # R0.5ZX
Description  0.5 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5ZX Datasheet(HTML) 2 Page - Recom International Power

  R0.5ZX Datasheet HTML 1Page - Recom International Power R0.5ZX Datasheet HTML 2Page - Recom International Power R0.5ZX Datasheet HTML 3Page - Recom International Power R0.5ZX Datasheet HTML 4Page - Recom International Power R0.5ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R0.5ZX
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
nom. Vin = 5VDC
±5.0%
Input Current
200mA
Quiescent Current
nom. Vin = 5VDC
20mA
Minimum Load
0%
Internal Operating Frequency
20kHz
Output Ripple and Noise (6)
20MHz BW
30mVp-p
100mVp-p
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
Notes:
Note6: Measurements are made with a 0.1µF MLCC across output. (low ESR)
REGULATIONS
Parameter
Condition
Value
Output Accuracy
-0.5 typ. / ±2.0% max.
Line Regulation
low line to high line, full load
±1.0% max.
Load Regulation
0% to 100% load
0.5 typ. / 1.0% max.
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
Deviation vs. Load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com