Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1ZX Datasheet(PDF) 3 Page - Recom International Power

Part # R1ZX
Description  1 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1ZX Datasheet(HTML) 3 Page - Recom International Power

  R1ZX Datasheet HTML 1Page - Recom International Power R1ZX Datasheet HTML 2Page - Recom International Power R1ZX Datasheet HTML 3Page - Recom International Power R1ZX Datasheet HTML 4Page - Recom International Power R1ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R1ZX
Series
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, automatic recovery
Isolation Voltage
I/P to O/P
standard
tested for 1 second
rated for 1 minute (7)
1kVDC
500VAC
with suffix “/H”
tested for 1 second
rated for 1 minute (7)
2kVDC
1kVAC
Isolation Resistance
10G
W min.
Isolation Capacitance
100pF max.
Leakage Current
standard
with suffix “/H”
1µA max.
2µA max.
Insulation Grade
functional
Notes:
Note7:
For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note8:
Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
full load @ natural convection 0.1m/s (see graph)
-40°C to +65°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+65°C
14400 x 10³ hours
3700 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
65
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
85



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com