Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA320XTI/ST14 Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA320XTI/ST14
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA320XTI/ST14 Datasheet(HTML) 4 Page - Microchip Technology

  25AA320XTI/ST14 Datasheet HTML 1Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 2Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 3Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 4Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 5Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 6Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 7Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 8Page - Microchip Technology 25AA320XTI/ST14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
25AA320/25LC320/25C320
DS21227E-page 4
 2004 Microchip Technology Inc.
FIGURE 1-1:
HOLD TIMING
FIGURE 1-2:
SERIAL INPUT TIMING
FIGURE 1-3:
SERIAL OUTPUT TIMING
CS
SCK
SO
SI
HOLD
17
16
16
17
19
18
don’t care
5
High-impedance
n+2
n+1
n
n-1
n
n+2
n+1
n
n
n-1
CS
SCK
SI
SO
6
5
8
7
11
3
LSB in
MSB in
High-impedance
12
Mode 1,1
Mode 0,0
4
2
CS
SCK
SO
10
9
13
MSB out
ISB out
3
15
don’t care
SI
Mode 1,1
Mode 0,0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com