Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320XTI/ST14 Datasheet(PDF) 5 Page - Microchip Technology

Part # 25LC320XTI/ST14
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320XTI/ST14 Datasheet(HTML) 5 Page - Microchip Technology

  25LC320XTI/ST14 Datasheet HTML 1Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 2Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 3Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 4Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 5Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 6Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 7Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 8Page - Microchip Technology 25LC320XTI/ST14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2004 Microchip Technology Inc.
DS21227E-page 5
25AA320/25LC320/25C320
TABLE 1-3:
AC TEST CONDITIONS
FIGURE 1-4:
AC TEST CIRCUIT
AC Waveform:
VLO = 0.2V
—
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V
VCC
SO
100 pF
1.8 K
Ω
2.25 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com