Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3370PT Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 3370PT
Description  Phase Control Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

3370PT Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  3370PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 3370PT Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
double side (single side) cooled
A
70(55)
ºC
Maximum peak, one cycle
non-reptitive surge current
ITSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
8100
49000
51300
41160
43090
12005
10922
8471
2
kA s
A
7706
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
120050
V
0.94
3370(2300)
VTM
l
=4000A,
pk
T =T maximum t = 10 ms sine pulse
J
J
, p
0.066
V
VT(TO)
rt
mΩ
2
I √t
2
kA √s
Maximum l²√t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IT(RMS)
lL
lH
Typical latching current
Maximum holding current
Maximum on-state voltage
Maximum on-state slope resistance
Maximum threshold voltage
Maximum RMS on-state current
DC at 25°C heatsink temperature double side cooled
l = 4200A~12500A, T = T maximum
T
J
J
T = 25°C, anode supply 12V resistive load
J
A
1.20
mA
300
1000
2
I t
SWITCHING
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum non-repetitive rate of rise
of turned-on current
dl/dt
l
= l
,
TM
T(AV)
=
μ ,T =T maximum, f = 50Hz
J
J
V ≤ 66.7% V
, I
= 2A,
D
DRM
FG
t
0.3 s
r
A/µs
td
200
2.0
µs
V = 0.4 V
, I
= 2A, t = 0.3µs, T = 25°C
D
DRM
FG
J
r
tq
Maximum delay time
(Gate turn-on delay time )
Typical turn-off time
Qrr
Reverse recovery charge (Typical)
I
= 2000A,
, dl/dt = -12.5 A/µs.
TM
V = 100V
R
T =T maximum
J
J
, dV/dt = 50 V/µs, V ≤ 0.67 V
D
DRM
200
µC
BLOCKING
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Minimum critical rate of rise of
off-state voltage
dV/dt
T =T maximum, linear to 67% rated V
J
J
DRM
V/µs
1000
lRRM,
Maximum peak reverse and
off-state leakage current
T =T maximum, rated V
/V
applied
J
J
DRM
RRM
200
mA
lDRM,
3370PT Series
2800
I
= 2000A,
, V = 100V
TM
R
di/dt = -12.5 A/µs
T =T maximum
,
J
J
Page 2 of 7
www.nellsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com