Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320XE/ST14 Datasheet(PDF) 12 Page - Microchip Technology

Part # 25LC320XE/ST14
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320XE/ST14 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25LC320XE/ST14 Datasheet HTML 8Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 9Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 10Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 11Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 12Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 13Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 14Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 15Page - Microchip Technology 25LC320XE/ST14 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
25AA320/25LC320/25C320
DS21227E-page 12
 2004 Microchip Technology Inc.
3.7
Data Protection
The following protection has been implemented to
prevent inadvertent writes to the array:
• The write enable latch is reset on power-up
•A WRITE ENABLE instruction must be issued to
set the write enable latch
• After a byte write, page write or Status register
write, the write enable latch is reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal write cycle
is ignored and programming is continued
3.8
Power-On State
The 25XX320 powers on in the following state:
• The device is in low-power Standby mode
(CS = 1)
• The write enable latch is reset
• SO is in high-impedance state
• A low level on CS is required to enter active state
.
TABLE 3-3:
WRITE-PROTECT FUNCTIONALITY MATRIX
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
xx
0
Protected
Protected
Protected
0x
1
Protected
Writable
Writable
1
Low
1
Protected
Writable
Protected
x
High
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com