Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC03DE170
Description  HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170 Datasheet(HTML) 1 Page - STMicroelectronics

  STC03DE170 Datasheet HTML 1Page - STMicroelectronics STC03DE170 Datasheet HTML 2Page - STMicroelectronics STC03DE170 Datasheet HTML 3Page - STMicroelectronics STC03DE170 Datasheet HTML 4Page - STMicroelectronics STC03DE170 Datasheet HTML 5Page - STMicroelectronics STC03DE170 Datasheet HTML 6Page - STMicroelectronics STC03DE170 Datasheet HTML 7Page - STMicroelectronics STC03DE170 Datasheet HTML 8Page - STMicroelectronics STC03DE170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2004
Table 1: General Features
n
LOW EQUIVALENT ON RESISTANCE
n
VERY FAST-SWITCH, UP TO 150 kHz
n
SQUARED RBSOA, UP TO 1700 V
n
VERY LOW CISS DRIVEN BY RG = 4.7 W
APPLICATION
n
AUX SMPS FOR THREE PHASE MAINS
DESCRIPTION
The STC03DE170 is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed to
providing the best performance in ESBT topology.
The STC03DE170 is designed for use in aux
flyback smps for any three phase application.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 2: Order Code
VCS(ON)
IC
RCS(ON)
1 V
1.8 A
0.55 W
1
2
3
4
TO247-4L
Electrical Symbol
Device Structure
Part Number
Marking
Package
Packaging
STC03DE170
STC03DE170
TO247-4L
TUBE
STC03DE170
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR
ESBT™ 1700 V - 3 A - 0.55 W
Rev. 2


Similar Part No. - STC03DE170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
26-Sep-2006
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
281Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
16-Jul-2007
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
16-Jul-2007
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
254Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
12-Jul-2007
More results

Similar Description - STC03DE170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
04-Oct-2004
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
10-Oct-2006
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
10-Jan-2007
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com