Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9478207002 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 9478207002
Description  Planar Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

9478207002 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  9478207002 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Planar Cores (9478207002)
Part Number: 9478207002
78 PLANAR E CORE SET
Planar EE and EI cores, with their low profile are suitable for board level installation allowing assembly without the need for
plastic coilformers and can also allow windings integrated into multi- level PCBs. Planar ER cores with their low mass and low
profile are suitable for Surface Mount installations in low power filter and transformer applications.
- Planar EE, ER and EI cores can be supplied with the center post gapped to a mechanical dimension, or an A
L value.
Catalog Drawing
3D Model
Weight: 200 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
14800 ±25%
Ae(cm
2)
5.2
Σl/ A(cm
-1) 1.54
l
e(cm)
8.07
V
e(cm
3)
41.5
A
min(cm
2) 5.15
A
L value is measured at 1 kHz, B < 10 gauss.
Fair- Rite Products Corp.   •   One Commercial Row, Wallkill, New York 12589-0288
888-324-7748   •   845-895-2055   •   Fax: 845-895-2629   •   ferrites@fair- rite.com   •   www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
64
± 1.00
2.52
_
B
10.35
± 0.15
0.407
_
C
51
± 0.80
2.008
_
D
5.3
± 0.25
0.209
_
E
53.8
± 1.00
2.118
_
F
10.3
± 0.20
0.406
_


Similar Part No. - 9478207002

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9478201002 FAIR-RITE-9478201002 Datasheet
512Kb / 1P
Planar Cores
9478202002 FAIR-RITE-9478202002 Datasheet
512Kb / 1P
Planar Cores
9478203002 FAIR-RITE-9478203002 Datasheet
512Kb / 1P
Planar Cores
9478204002 FAIR-RITE-9478204002 Datasheet
512Kb / 1P
Planar Cores
9478205002 FAIR-RITE-9478205002 Datasheet
512Kb / 1P
Planar Cores
More results

Similar Description - 9478207002

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
7878400221 FAIR-RITE-7878400221 Datasheet
514Kb / 1P
Planar Cores
7878400421 FAIR-RITE-7878400421 Datasheet
514Kb / 1P
Planar Cores
7878400721 FAIR-RITE-7878400721 Datasheet
514Kb / 1P
Planar Cores
7895400321 FAIR-RITE-7895400321 Datasheet
514Kb / 1P
Planar Cores
7895400721 FAIR-RITE-7895400721 Datasheet
514Kb / 1P
Planar Cores
7898400221 FAIR-RITE-7898400221 Datasheet
514Kb / 1P
Planar Cores
7898400321 FAIR-RITE-7898400321 Datasheet
514Kb / 1P
Planar Cores
9495205002 FAIR-RITE-9495205002 Datasheet
512Kb / 1P
Planar Cores
9498202002 FAIR-RITE-9498202002 Datasheet
512Kb / 1P
Planar Cores
9595100502 FAIR-RITE-9595100502 Datasheet
512Kb / 1P
Planar Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com