Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2703 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2703
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2703 Datasheet HTML 1Page - Dallas Semiconductor DS2703 Datasheet HTML 2Page - Dallas Semiconductor DS2703 Datasheet HTML 3Page - Dallas Semiconductor DS2703 Datasheet HTML 4Page - Dallas Semiconductor DS2703 Datasheet HTML 5Page - Dallas Semiconductor DS2703 Datasheet HTML 6Page - Dallas Semiconductor DS2703 Datasheet HTML 7Page - Dallas Semiconductor DS2703 Datasheet HTML 8Page - Dallas Semiconductor DS2703 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
3 of 20
AC ELECTRICAL CHARACTERISTICS
(VPULLUP = 2.7V to 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
THM Low Delay
tTD
(Note 11)
15
ms
Computation Delay Time
tD
(Note 12)
100
µs
Computation Time
tSHA
(Note 12)
15
ms
Programming Pulse Width
tPPW
(Note 5)
17
ms
Programming Pulse Rise Time
tPPR
0.5
5
µs
Programming Pulse Fall Time
tPPF
0.5
5
µs
Start-up Delay Time
tSTRT
(Note 13)
100
ms
AC ELECTRICAL CHARACTERISTICS: 1-Wire INTERFACE
(VPULLUP = 2.7V to 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1-Wire INTERFACE REGULAR TIMING
Time Slot
tSLOT
60
120
µs
Recovery Time
tREC
1
µs
Write 0 Low Time
tLOW0
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Read Data Valid Time
tRDV
15
µs
Reset Time High
tRSTH
480
µs
Reset Time Low
tRSTL
480
960
µs
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
1-Wire INTERFACE OVERDRIVE TIMING
Time Slot
tSLOT
6
16
µs
Recovery Time
tREC
1
µs
Write 0 Low Time
tLOW0
6
16
µs
Write 1 Low Time
tLOW1
1
2
µs
Read Data Valid Time
tRDV
2
µs
Reset Time High
tRSTH
48
µs
Reset Time Low
tRSTL
48
80
µs
Presence Detect High
tPDH
2
6
µs
Presence Detect Low
tPDL
8
24
µs
Note 1:
VDQ – VTHM. The THM pin must not be driven to a higher voltage than the DQ pin.
Note 2:
The application thermistor cannot exceed the RDQ-THM resistance range over operating temperature. If thermistor mode is not used in the application, it is
recommended that a 50KΩ resistor be connected between DQ and THM pins instead.
Note 3:
Maximum leakage of DQ pin while in thermistor mode.
Note 4:
When performing a Lock Secret (0x6A), Set Overdrive (0x8B) or Clear Overdrive (0x8D) operation, there will be an increased operating current of IPGM-
IDLE during the time period from when the command is issued until the next 1-Wire bus reset. IPGM-IDLE current will be present before and after the program
pulse.
Note 5:
See Figure 11 for definitionof tPPR, tPPW, and tPPF.
Note 6:
All voltages referenced to VSS.
Note 7:
VDQ must be at least 3.0V when the 1-Wire bus is idle.
Note 8:
Drive strength at time=0 after Activate Thermistor command is sent to the DS2703.
Note 9:
Does not include capacitance referred from VB pin on initial power up.
Note 10:
EEPROM data read retention is four years at +50°C
Note 11:
Time from msb of Activate Thermistor command until THM pin is driven low internally.
Note 12:
Time from msb of Compute Next Secret or Compute MAC command.
Note 13:
Time after initial power up before the DS2703 will respond to communication. TSTRT specifications are valid only if the capacitor on VB (CVB) is 0.22µF.
Worst case 100ms delay based on maximum thermistor value of 500kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com