Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P4SMA Datasheet(PDF) 1 Page - NEC

Part # 8P4SMA
Description  8A MOLD ISOLATED SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

8P4SMA Datasheet(HTML) 1 Page - NEC

  8P4SMA Datasheet HTML 1Page - NEC 8P4SMA Datasheet HTML 2Page - NEC 8P4SMA Datasheet HTML 3Page - NEC 8P4SMA Datasheet HTML 4Page - NEC 8P4SMA Datasheet HTML 5Page - NEC 8P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
THYRISTORS
8P2SMA,8P4SMA
8 A MOLD ISOLATED SCR
DATA SHEET
Document No. D17164EJ3V0DS00 (3rd edition)
(Previous No. SC-2102)
Date Published June 2004 NS CP(K)
Printed in Japan
1988
The mark
shows major revised points.
DESCRIPTION
The 8P2SMA and 8P4SMA are P gate all diffused mold type
thyristor granted 8 A on-state average current (TC = 88°C), with
rated voltages up to 400 V.
FEATURES
• Mold isolated plastic package
• 100 A surge current
• High voltage: VDRM, VRRM = 200 V (8P2SMA)
VDRM, VRRM = 400 V (8P4SMA)
APPLICATIONS
• Motor speed control for household appliance
• Temperature control for heater and constant temperature box
• Constant voltage power source and battery charger
• Automotive application such as regulator
• Various solid state relay, etc.
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
SCR
1: Cathode
2: Anode
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark


Similar Part No. - 8P4SMA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P4SMA RENESAS-8P4SMA Datasheet
1Mb / 8P
THYRISTORS
1988
More results

Similar Description - 8P4SMA

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DG20AA SANREX-DG20AA Datasheet
93Kb / 2P
DIODE(ISOLATED MOLD TYPE)
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
logo
SanRex Corporation
TG16C SANREX-TG16C Datasheet
465Kb / 2P
TRIAC (ISOLATED MOLD TYPE)
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
AC16DSMA NEC-AC16DSMA Datasheet
146Kb / 6P
16A MOLD ISOLATED TRIAC
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
486Kb / 9P
8A SCR
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com