Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90SCFM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 90SCFM
Description  20SCFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

90SCFM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  90SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
300 SCFM Coalescer
1-800-521-9200
10
Specifications
Port Sizes
1-1/4", 1-1/2", 2"
Thread Styles
NPT, BSPP
Flow Capacity
300 SCFM @ 100 PSI
Bowl Types
Aluminum
Maximum Temp.
175°F
Maximum Pressure* 200 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure < 1.5 PSID at Rated Flow
*For higher pressure applications, consult factory. If unit is equipped with
differential indicator, maximum temperature and pressure are 125°F and
150 PSIG regardless of bowl design.
Front View
Side View
Physical Dimensions
Model #
Description
A
B
C
D
3C-300-M12-P
Metal Bowl, Manual Drain
7.8
27.5
7.8
3.9
3C-300-M12-F
Metal Bowl, Float Drain
7.8
32.0
7.8
3.9
3C-300-M12-Fi
Metal Bowl, Float Drain w/Indicator
7.8
33.0
7.8
3.9
3C-300-M16-P
Metal Bowl, Manual Drain
7.8
27.5
7.8
3.9
3C-300-M16-F
Metal Bowl, Float Drain
7.8
32.0
7.8
3.9
3C-300-M16-Fi
Metal Bowl, Float Drain w/Indicator
7.8
33.0
7.8
3.9
Order Guide
Port Size
Metal Bowl
Metal Bowl w/Indicator
Manual Drain
1-1/4"
3C-330-M10-P
3C-300-M10-Pi
1-1/2"
3C-300-M12-P
3C-300-M12-Pi
2"
3C-300-M16-P
3C-300-M16-Pi
Float Drain
1-1/4"
3C-300-M10-F
3C-300-M10-Fi
1-1/2"
3C-300-M12-F
3C-300-M12-Fi
2"
3C-300-M16-F
3C-300-M16-Fi
Replacement Parts & Accessories
Description
Part Number
Bowl O-Ring
N32-F35-OR
Float Drain
N32-95-XD8
Differential Indicator
N32-W1-DPi
Manual Drain (for Metal Bowl)
KSG-071
Description
Part Number
Electronic Drain
N32-XED-04
Replacement Element
3C-300
Blanking Cap
N32-95-020
Type of contamination: oil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com