Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD87370AXA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87370AXA
Description  Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87370AXA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD87370AXA Datasheet HTML 1Page - National Semiconductor (TI) FPD87370AXA Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD87370AXA
Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD
Timing Controller with Reduced Swing Differential
Signaling (RSDS™) Outputs
General Description
The FPD87370AXA is a timing controller that combines an
LVDS single pixel input interface with National’s Reduced
Swing Differential Signaling (RSDS™) output driver interface
for VGA, XGA and Wide XGA resolutions. It resides on the
TFT-LCD panel and provides the data buffering and control
signal generation for VGA, XGA, and Wide XGA graphic
modes. The RSDS™ path to the column driver contributes
toward lowering radiated EMI and reducing system dynamic
power consumption.
This single RSDS™ bus conveys the 8-bit color data for
VGA, XGA, and Wide XGA panels at 170 Mb/s when using
VESA 60 Hz standard timing.
Features
n
Reduced Swing Differential Signalling (RSDS™) digital
bus reduces dynamic power, EMI and bus width from
the timing controller
n
LVDS single pixel input interface system
n
Input clock range from 25 MHz to 85 MHz
n
Drives RSDS™ Column Drivers at 170 Mb/s with an
85 MHz clock (Max.)
n
Virtual 8 bit color depth in FRC/Dithering mode
n
Single narrow 9-bit differential Source Driver bus
minimizes width of Source PCB
n
Ability to drive VGA, XGA and Wide XGA TFT-LCD
Systems
n
Failure detect function in DE mode (Bonding Option)
n
CMOS circuitry operates from a 3.0V–3.6V supply
System Diagram
RSDS™ is a trademark of National Semiconductor Corporation
20116501
FIGURE 1. Block Diagram of the LCD Module
PRELIMINARY
November 2004
© 2004 National Semiconductor Corporation
DS201165
www.national.com


Similar Part No. - FPD87370AXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370_13 Datasheet
48Kb / 3P
Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller
More results

Similar Description - FPD87370AXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87310 NSC-FPD87310 Datasheet
754Kb / 28P
Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD63310 NSC-FPD63310 Datasheet
38Kb / 2P
UNIVERSAL INTERFACE XGA PANEL TIMING CONTROLLER REDUCED SWING DIFFERENTIAL SIGNALING
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
FPD87346 TI1-FPD87346 Datasheet
100Kb / 5P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87370 TI1-FPD87370_13 Datasheet
48Kb / 3P
Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com