Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64153AL Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 3Page - OKI electronic componets MSM64153AL Datasheet HTML 4Page - OKI electronic componets MSM64153AL Datasheet HTML 5Page - OKI electronic componets MSM64153AL Datasheet HTML 6Page - OKI electronic componets MSM64153AL Datasheet HTML 7Page - OKI electronic componets MSM64153AL Datasheet HTML 8Page - OKI electronic componets MSM64153AL Datasheet HTML 9Page - OKI electronic componets MSM64153AL Datasheet HTML 10Page - OKI electronic componets MSM64153AL Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
¡ Semiconductor
MSM64153A/64153AL
Basic Functions (continued)
I
Ports
4-bit input port (port 2) :
Select between pull-down resistor input and high impedance
input for each bit with the port 2 control register (P2CON).
When configured for secondary functions, an external
interrupt and capture circuit trigger input are allocated.
If P2.0 to P2.3 are set to "H" level, the device enters system
reset mode.
27
33
31
30
28
27
26
25
23
22
I
2-bit input port (port 3) :
Select between pull-down resistor input and high impedance
input with the port 3 control register (P3CON).
When configured for a secondary function, an external
interrupt is allocated to P3.0 and an event counter is
allocated to P3.1.
29
24
I/O
4-bit input-output port (port 6) :
Select between input and output, between pull-down resistor
input and high impedance input, and between open-drain
output and CMOS output with the port 6 control register
(P6CON). When configured for a secondary function, an
external interrupt is allocated.
31
38
37
36
30
29
35
28
I/O
4-bit input-output port (port 7) :
Select between input and output, between pull-down
resistor input and high impedance input, and between
open-drain output and CMOS output with the port 7 control
register (P7CON). When configured for a secondary
function, an external interrupt is allocated.
36
44
42
41
35
34
40
33
Melody
Drivers
O
Output pin of melody driver 0
40
48
O
Inverted output pin of MD0 output
41
49
O
Output pin of melody driver 1
38
46
O
Inverted output pin of MD1 output
39
47
O
LCD common signal output pins
11
15
13
12
10
9
11
8
LCD
Drivers
O
O
O
Pad
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P3.0
P3.1
P2.3
P6.0
P6.1
P6.2
P6.3
P7.0
P7.1
P7.2
P7.3
MD0
MD0
MD1
MD1
COM1
COM2
COM3
COM4
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com