Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64162 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM64162 Datasheet HTML 9Page - OKI electronic componets MSM64162 Datasheet HTML 10Page - OKI electronic componets MSM64162 Datasheet HTML 11Page - OKI electronic componets MSM64162 Datasheet HTML 12Page - OKI electronic componets MSM64162 Datasheet HTML 13Page - OKI electronic componets MSM64162 Datasheet HTML 14Page - OKI electronic componets MSM64162 Datasheet HTML 15Page - OKI electronic componets MSM64162 Datasheet HTML 16Page - OKI electronic componets MSM64162 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13/39
¡ Semiconductor
MSM64162
Data Memory
The data memory area consists of 8 banks and each bank has 256 nibbles (256 ¥ 4 bits).
The data RAM is assigned to BANK 7 and peripheral ports are assigned to BANK 0.
7FFH
BANK 7
Data RAM area
4 bits
780H
0FFH
080H
07FH
000H
Unused area
BANK 0
Data/Stack area (128 nibbles)
Contents of 000H to 07FH
SFR area
07FH
000H
Inaccessible area
Unused area
77FH
700H
100H
Data Memory Map
The data RAM area (128 nibbles) is shared by the stack area. The stack is a memory starting from
address 7FFH toward the low-order addresses where 4 nibbles are used by Subroutine Call
Instruction and 8 nibbles are used by an interrupt.
The addresses 080H to 0FFH of BANK 0 and the addresses 700H to 77FH of BANK 7 are not
assigned as the data memory, so access to these addresses has no effect. Moreover, it is
impossible to access BANK 1 to BANK 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com