Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR110-27T7RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # DDR110-27T7RL
Description  DOUBLE DATA RATE TERMINATION NETWORK WITH DISABLE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DDR110-27T7RL Datasheet(HTML) 2 Page - STMicroelectronics

  DDR110-27T7RL Datasheet HTML 1Page - STMicroelectronics DDR110-27T7RL Datasheet HTML 2Page - STMicroelectronics DDR110-27T7RL Datasheet HTML 3Page - STMicroelectronics DDR110-27T7RL Datasheet HTML 4Page - STMicroelectronics DDR110-27T7RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
®
DDR110-xxT7RL
2/5
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIN
Input voltage DQ0/7, DM0, DQS0
OE LOW
OE HIGH
0
0
+ 3.3
+ 2.5
V
VIH
Output Enable (OE) HIGH voltage
Guaranteed logic
HIGH level
25
(1)
V
VIL
Output Enable (OE) LOW voltage
Guaranteed logic
LOW level
0.8
V
VCC
Supply voltage
4.5
5
5.5
V
VTT
Termination voltage
1.25
V
(1) Open collector output with 10k pull-up resistor to 5V is recommended for typical OE signal.
RECOMMENDED OPERATING CONDITIONS (Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Unit
Tambient = 25°C
Min.
Typ.
Max.
VCC
Supply voltage range
- 0.5
5
7
V
VIN
Input voltage range DQ0/7, DM0,
DQS0
- 0.5
7
V
VTT
Termination voltage
- 0.5
7
V
VOE
Termination Enable Voltage range
- 0.5
7
V
IIN
Continuous input current
30
mA
VESD
ESD ratings (input / output YOE)
HBM MIL STD 883C
2kV
TSTG
Storage temperature
- 65
150
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
OE
B0 - B9
Function
High
A0 - A9
Connect Termination
Low
Hi - Z
Disconnect Termination
FUNCTION TABLE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com