Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2964 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCMS-2964
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2964 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCMS-2964 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2964 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Logic Supply Voltage, V
LOGIC to GNDLOGIC ....................... -0.3 V to 7.0 V
LED Supply Voltage, V
LED to GNDLED .............................. -0.3 V to 5.5 V
Input Voltage, Any Pin to GND .......................... -0.3 V to V
LOGIC +0.3 V
Free Air Operating Temperature Range T
A
[1] .................. -40
°C to +85°C
Relative Humidity (non-condensing) ............................................... 85%
Storage Temperature, T
S ................................................. -55°C to 100°C
Wave Solder Temperature
1.59 mm (0.063 in.) below Body ............................... 250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF (each pin) ............. Class 1, 0-1999 V
TOTAL Package Power Dissipation at T
A = 25°C
[2]
4 character ....................................................................... 1.2 W
8 character ....................................................................... 2.4 W
16 character ....................................................................... 4.8 W
Notes:
1. For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
HCMS-297x
Recommended Operating Conditions Over Temperature Range
(-40
°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic Supply Voltage
V
LOGIC
3.0
5.0
5.5
V
LED Supply Voltage
V
LED
4.0
5.0
5.5
V
GND
LED to GNDLOGIC
–
-0.3
0
+0.3
V
PIN FUNCTION
ASSIGNMENT TABLE
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
8
7
6
5
4
3
2
1
XZ
COO
PIN # 1 IDENTIFIER
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.31
(0.209)
6.22
(0.245)
SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
42.93 (1.690) MAX.
2.67 (0.105) SYM.
5.36 (0.211) TYP.
11.43 (0.450) MAX.
2.54 (0.100) TYP.
0.25
(0.010)
7.62
(0.300)
3.71
(0.146)
TYP.
1.90
(0.075)
SYM.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN #
FUNCTION
4.57
(0.180)
TYP.
3
26
HCMS-297X
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com