Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952606 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS952606
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952606 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS952606 Datasheet HTML 1Page - Integrated Circuit Systems ICS952606 Datasheet HTML 2Page - Integrated Circuit Systems ICS952606 Datasheet HTML 3Page - Integrated Circuit Systems ICS952606 Datasheet HTML 4Page - Integrated Circuit Systems ICS952606 Datasheet HTML 5Page - Integrated Circuit Systems ICS952606 Datasheet HTML 6Page - Integrated Circuit Systems ICS952606 Datasheet HTML 7Page - Integrated Circuit Systems ICS952606 Datasheet HTML 8Page - Integrated Circuit Systems ICS952606 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
ICS952606 is a 48 pin clock chip following Intel CK409 Yellow Cover specification. This clock synthesizer provides a single
chip solution for next generation P4 Intel processors and Intel chipsets. ICS952606 is driven with a 14.318MHz crystal. It
generates CPU outputs up to 200MHz. It also provides a tight ppm accuracy output for Serial ATA support.
General Description
Block Diagram
Power Groups
VDD
GND
3
6
Xtal, Ref
27
28
3V66 [0:3]
10,16
11,17
PCICLK outputs
34
37
SRCCLK outputs
48
47
Master clock, CPU Analog
24
23
48MHz, Fix Digital, Fix Analog
--
47
IREF
40
43
CPUCLK clocks
Description
Pin Number
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB, DOT, VCH
X1
X2
XTAL
SDATA
SCLK
VTTPWRGD#
PD#
FS_A
FS_B
Control
Logic
REF (1:0)
CPUCLKT (1:0)
CPUCLKC (1:0)
SRCCLKT0
SRCCLKC0
3V66(3:0)
PCICLK_F (2:0)
CPUCLKT_ITP
CPUCLKC_ITP
PCICLK (5:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com