Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP400 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP400
Description  Three-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP400 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP400 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP400 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP400 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 5.0 µA
TYPICAL APPLICATIONS
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
400A
VRRM
800V to 1800V
1.30V
20 µA
150ºC
IFSM
IR
VF
RoHS
RoHS
Three-Phase Bridge Rectifier, 400A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Weight: 1100g (38.8 ozs)
ADVANTAGE
TJ max.
6000A
MTP40008 Thru MTP40018
Isolation voltage up to 2500V
International standard package
All dimensions in millimeters
MTP400 Series
68.00
70.00
123.00
142.0
4-
ø6.5
Field supplies for DC motors
DC power supplies for apparatus device
Input rectifying power supplies for PWM converters
Inverter welders
~
~
~
2-M10 Screw
3-M8 Screw
Page 1 of 3
www.nellsemi.com
+
-
RoHS
RoHS
Nell High Power Products


Similar Part No. - MTP400

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP400 NELLSEMI-MTP400 Datasheet
375Kb / 3P
High surge current capability
More results

Similar Description - MTP400

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com