Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM193A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM193A Datasheet HTML 1Page - National Semiconductor (TI) LM193A Datasheet HTML 2Page - National Semiconductor (TI) LM193A Datasheet HTML 3Page - National Semiconductor (TI) LM193A Datasheet HTML 4Page - National Semiconductor (TI) LM193A Datasheet HTML 5Page - National Semiconductor (TI) LM193A Datasheet HTML 6Page - National Semiconductor (TI) LM193A Datasheet HTML 7Page - National Semiconductor (TI) LM193A Datasheet HTML 8Page - National Semiconductor (TI) LM193A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLM193A-X REV 1B3
Features
- Wide supply
- Voltage range
2.0Vdc to 36Vdc
- Single or dual supplies
+1.0Vdc to +18Vdc
- Very low supply current drain (0.4mA)
independent of supply voltage
- Low input biasing current
25nA Typ
- Low input offset current
+3nA Typ
- Input common-mode voltage range
includes ground
- Differential input voltage range
equal to the power supply voltage
- Low output saturation voltage
250mV at 4mA Typ
- Output voltage compatible with TTL,
DTL, ECL, MOS and CMOS logic systems
CONTROLLING DOCUMENTS:
LM193AH/883
5962-9452602MGA
LM193AH-QMLV
5962-9452602VGA
LM193AJ-QMLV
5962-9452602VPA
LM193AJ/883
5962-9452602MPA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com