Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNCD6.8RG Datasheet(PDF) 1 Page - NEC

Part # NNCD6.8RG
Description  LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.8RG Datasheet(HTML) 1 Page - NEC

  NNCD6.8RG Datasheet HTML 1Page - NEC NNCD6.8RG Datasheet HTML 2Page - NEC NNCD6.8RG Datasheet HTML 3Page - NEC NNCD6.8RG Datasheet HTML 4Page - NEC NNCD6.8RG Datasheet HTML 5Page - NEC NNCD6.8RG Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE
NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE)
5-PIN MINI MOLD
Document No. D15990EJ2V0DS00 (2nd edition)
Date Published September 2002 NS CP(K)
Printed in Japan
2002
NNCD6.8RG
DATA SHEET
ESD NOISE CLIPPING DIODE
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark ! shows major revised points.
DESCRIPTION
The
NNCD6.8RG
is
a
low
capacitance
type
diode
developed for ESD (Electrostatic Discharge) absorption. Based
on the IEC61000-4-2 test on electromagnetic interference
(EMI), the diode assures an endurance of no less then 8 kV,
and capacitance is small with 10 pF between the terminal.
This product series is the most suitable for ESD absorption in
the high-speed data communication bus such as USB.
With four elements mounted in the 5-PIN mini mold package,
the product can cope with more high density assembling.
FEATURES
• Base on the electrostatic discharge immunity test (IEC 61000-4-2),
the product assures the minimum endurance of 8 kV.
• Capacitance: 10 pF (at VR = 0 V, f = 1 MHz) between the terminal
The low capacitance can realize the excellent frequency characteristic.
• With four elements in the mini mold package, the products can achieve
high density and automatic packaging.
APPLICATIONS
• External interface circuit ESD absorption in the high-speed
data communication bus such as USB.
MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Rating
Unit
Remark
Power Dissipation
P
200
mW
Total
Surge Reverse Power
PRSM
2 (t = 10
µs 1 pulse)
W
Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
−55 to +150
oC
PACKAGE DIMENSION (Unit: mm)
2.8
± 0.2
1.5
0.65
+0.1
−0.15
15
2
34
54
13
2
1 : K1
2 : A
3 : K2
4 : K3
5 : K4
Cathode 1
Anode (common)
Cathode 2
Cathode 3
Cathode 4
ELECTRODE CONNECTION


Similar Part No. - NNCD6.8RG

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
More results

Similar Description - NNCD6.8RG

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD68PL NEC-NNCD68PL Datasheet
38Kb / 5P
5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
NNCD56LH NEC-NNCD56LH Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com