Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815BZ Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # SSD1815BZ
Description  LCD Segment / Common Driver with Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1815BZ Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button SSD1815BZ Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
28
SOLOMON
SSD1815B
Rev 1.6
07/2002
Table 13 8080-Series MPU Parallel Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -30 to 85°C)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
300
-
-
ns
tAS
Address Setup Time
0
-
-
ns
tAH
Address Hold Time
0
-
-
ns
tDSW
Write Data Setup Time
40
-
-
ns
tDHW
Write Data Hold Time
15
-
-
ns
tDHR
Read Data Hold Time
20
-
-
ns
tOH
Output Disable Time
-
-
70
ns
tACC
Access Time
-
-
140
ns
PWCSL
Chip Select Low Pulse Width (read)
Chip Select Low Pulse Width (write)
120
60
-
-
-
-
ns
ns
PW CSH
Chip Select High Pulse Width (read)
Chip Select High Pulse Width (write)
60
60
-
-
-
-
ns
ns
tR
Rise Time
-
-
15
ns
tF
Fall Time
-
-
15
ns
Figure 12 8080-series MPU Parallel Interface Characteristics
Valid Data
tcycle
tDSW
tAS
tAH
tDHR
tACC
WR
D0-D7
Valid Data
D0-D7
(Write data to driver)
(Read data from driver)
tDHW
PWCSL
PWCSH
tF
tR
(CS2=1)
tOH
D/C
CS1
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com