Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65355 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM65355 Datasheet HTML 1Page - OKI electronic componets MSM65355 Datasheet HTML 2Page - OKI electronic componets MSM65355 Datasheet HTML 3Page - OKI electronic componets MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
¡ Semiconductor
MSM65355
• A/D converter
:
8 ch, 8 bits
• External interrupts
:
3, selectable for rising edge/falling
edge/both edges.
• External interrupt for a remote control input (with 8-bit capture)
:
1, selectable for rising edge/falling
edge/both edges, with a sampling circuit
for noise prevention.
With rising edge operating capture and
falling edge capture.
• Remote control circuit
:
Can receive at 75/32.768kHz.
• Interrupt sources
:
22
• Package:
100-pin plastic QFP (QFP100-P-1420-0.65-BK4) (Product name: MSM65355-¥¥¥GS-BK4)
¥¥¥ indicates the code number.
• Others
- A 1/2 OSC clock, XT clock or a 4-times XT clock can be selected as the CPU clock.
- The time base counter can be selected to be 1/4n of the CPU clock (n=1 to 8).
- On-chip power-on reset circuit.
- The state during STOP (maintaining of either high impedance or previous state) can be set for
each port. (The current consumption of a port in the high impedance setting is less than 1mA.)
- All input-output ports can be set to be pull-up or open. (Ports 0, 1, 2, and 6 can be set to be
pull-up or open for each bit.)
- A/D accuracy (
±1.5LSB @VDD=4.5 to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com