Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4336 Datasheet(PDF) 1 Page - NEC

Part # 2SC4336
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4336 Datasheet(HTML) 1 Page - NEC

  2SC4336 Datasheet HTML 1Page - NEC 2SC4336 Datasheet HTML 2Page - NEC 2SC4336 Datasheet HTML 3Page - NEC 2SC4336 Datasheet HTML 4Page - NEC 2SC4336 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4336
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D17261EJ1V0DS00 (1st edition)
Date Published July 2004 NS CP(K)
Printed in Japan
2004
DESCRIPTION
The 2SC4336 is a mold power transistor developed for high-
speed switching and features a very low collector-to-emitter
saturation. This transistor is ideal for use in switching power
supplies, DC/DC converters, motor drivers, solenoid drivers, and
other low-voltage power supply devices, as well as for high-current
switching.
FEATURES
• Mold package that does not require an insulating board or
insulation bushing
• Fast switching speed
• Low collector-to-emitter saturation voltage
VCE(sat) ≤ 0.3 V MAX. (IC = 6.0 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC4336
Isolated TO-220 (MP-45)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to base voltage
VCBO
100
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
10
A
Collector current (pulse)
Note
IC(pulse)
20
A
Base current (DC)
IB(DC)
6.0
A
Total power dissipation (TC = 25
°C)
PT
30
W
Total power dissipation (TA = 25
°C)
PT
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note PW
≤ 300
µs, Duty Cycle ≤ 10%
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
123
1: Base
2: Collector
3: Emitter


Similar Part No. - 2SC4336

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4336 SAVANTIC-2SC4336 Datasheet
121Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4336 JMNIC-2SC4336 Datasheet
166Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4336 ISC-2SC4336 Datasheet
139Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4336 SAVANTIC-2SC4336 Datasheet
123Kb / 3P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SC4336 RENESAS-2SC4336 Datasheet
290Kb / 7P
SILICON POWER TRANSISTOR
2004
More results

Similar Description - 2SC4336

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4551 NEC-2SC4551 Datasheet
140Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com