Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P034-008 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P034-008
Description  Computer Power Cable, C19 to 5-15P - Heavy Duty, 15A, 125V, 14 AWG, 8 ft., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P034-008 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P034-008 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P034-008 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Computer Power Cable, C19 to 5-15P - Heavy
Duty, 15A, 125V, 14 AWG, 8 ft., Black
MODEL NUMBER: P034-008
C19 to 5-15P adapter connects devices with C20/NEMA 5-15R power connectors or extends your existing
power connection by 8 ft.
Features
Heavy-Duty Computer Power Cable for Devices That Require a Heavy-Gauge Connection
This C19 to 5-15P computer power cord features 14 AWG wire suitable for high power connections,
making it a reliable solution for large server applications that require a higher-rated, heavier-gauge cable.
It can be used to connect a computer, server, monitor or drive to a UPS system or PDU or replace or
upgrade the standard power cord provided by the device’s manufacturer. The eight-foot length allows you
great flexibility in placing equipment with respect to the power outlet.
Highlights
Recommended for powering
computers, servers and other
network devices
q
8 ft. length allows great flexibility
in placing devices in relationship
to AC outlet
q
Heavy-duty computer power
cord replaces or upgrades cord
provided by manufacturer
q
Thick 14 AWG wire gauge
manages high power levels
required for larger equipment
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 8 ft. away in your data
center
q
Extend an existing power
connection up to 8 ft. to more
easily place a device or reach a
power source
q
Update or replace the standard
power cord provided by a
device’s original manufacturer
q
Package Includes
P034-008 Computer Power
Cable, C19 to 5-15P, 8 ft., Black
q
OVERVIEW
UPC Code
037332188717
Country/Region
North America
INPUT
1 / 2


Similar Part No. - P034-008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P034-010 TRIPPLITE-P034-010 Datasheet
161Kb / 2P
Computer Power Cable, C19 to 5-15P - Heavy Duty, 15A, 125V, 14 AWG, 10 ft., Black
More results

Similar Description - P034-008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P034010 TRIPPLITE-P034010 Datasheet
481Kb / 2P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to NEMA 5-15P), 10-ft
P007-002 TRIPPLITE-P007-002 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 2 ft., Black
P007-003 TRIPPLITE-P007-003 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 3 ft., Black
P007-012 TRIPPLITE-P007-012 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 12 ft., Black
P034-010 TRIPPLITE-P034-010 Datasheet
161Kb / 2P
Computer Power Cable, C19 to 5-15P - Heavy Duty, 15A, 125V, 14 AWG, 10 ft., Black
P047-002 TRIPPLITE-P047-002 Datasheet
161Kb / 2P
C19 to C14 Power Cord - Heavy Duty, 15A, 100-250V, 14 AWG, 2 ft., Black
P007-L02 TRIPPLITE-P007-L02 Datasheet
163Kb / 3P
Computer Power Cord, NEMA 5-15P to Locking C13 - Heavy-Duty, 15A, 125V, 14 AWG, 2 ft. (0.61 m), Black
P007-L03 TRIPPLITE-P007-L03 Datasheet
163Kb / 3P
Computer Power Cord, NEMA 5-15P to Locking C13 - Heavy-Duty, 15A, 125V, 14 AWG, 3 ft. (0.91 m), Black
P007-L06 TRIPPLITE-P007-L06 Datasheet
162Kb / 3P
Computer Power Cord, NEMA 5-15P to Locking C13 - Heavy-Duty, 15A, 125V, 14 AWG, 6 ft. (1.83 m), Black
P019-008-C15RA TRIPPLITE-P019-008-C15RA Datasheet
170Kb / 3P
Power Cord, NEMA 5-15P to Right-Angle C15 - Heavy-Duty, 15A, 125V, 14 AWG, 8 ft. (2.43 m), Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com