Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6599 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6599
Description  80-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6599 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6599 Datasheet HTML 3Page - OKI electronic componets MSM6599 Datasheet HTML 4Page - OKI electronic componets MSM6599 Datasheet HTML 5Page - OKI electronic componets MSM6599 Datasheet HTML 6Page - OKI electronic componets MSM6599 Datasheet HTML 7Page - OKI electronic componets MSM6599 Datasheet HTML 8Page - OKI electronic componets MSM6599 Datasheet HTML 9Page - OKI electronic componets MSM6599 Datasheet HTML 10Page - OKI electronic componets MSM6599 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MSM6599B
¡ Semiconductor
7/11
FUNCTIONAL DESCRIPTION
Pin Functional Description
•EI, EO
These are enable pins. When a cascade connection is required, set the first MSM6599B's EI pin
at "L" level and connect EO pin to the next MSM6599B's EI pin. When a single MSM6599B is
used, EI should be set at "L" level.
•CP
Clock input pin for display data input. Data is clocked in the latch (I) at the falling edge of the
clock pulse. The clock pulse from this pin is active when the enable F/F is set, and inactive
when it is not set.
• LOAD
Input pin to latch the display data of one line stored in the latch (I). The latch (I) data is
transferred to the latch (II) at the falling edge. At this time, the control circuit to save the power
is reset and the display data of the next line can be stored.
•DF
Synchronous signal input pin for alternate signal for LCD driving . Frame inversion signal is
input to this pin.
•VDD, VSS
Power supply pins of the MSM6599B. VDD is generally set to 4.5V to 5.5V. VSS is the GND
pin, which is set to 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com