Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLP34FHX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FXLP34FHX
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34FHX Datasheet(HTML) 2 Page - ON Semiconductor

  FXLP34FHX Datasheet HTML 1Page - ON Semiconductor FXLP34FHX Datasheet HTML 2Page - ON Semiconductor FXLP34FHX Datasheet HTML 3Page - ON Semiconductor FXLP34FHX Datasheet HTML 4Page - ON Semiconductor FXLP34FHX Datasheet HTML 5Page - ON Semiconductor FXLP34FHX Datasheet HTML 6Page - ON Semiconductor FXLP34FHX Datasheet HTML 7Page - ON Semiconductor FXLP34FHX Datasheet HTML 8Page - ON Semiconductor FXLP34FHX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
March 2011
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
FXLP34
Single Bit Uni-Directional Translator
Features
1.0V to 3.6V V
CC Supply Voltage
Converts Any Voltage (1.0V to 3.6V) to
(1.0V to 3.6V)
4.6V Tolerant Inputs and Outputs
t
PD:
- 4ns Typical for 3.0V to 3.6V VCC
Power-Off High Impedance Inputs and Outputs
Static Drive (I
OH/IOL):
- ±2.6mA at 3.00V VCC
Uses Proprietary Quiet Series™
Noise / EMI Reduction Circuitry
Ultra-Small Micropak™ Leadless Packages
Ultra-Low Dynamic Power
Description
The FXLP34 is a single translator with two separate
supply voltages: VCC1 for input translation voltages and
VCC for output translation voltages. The FXLP34 is part
of Fairchild’s Ultra Low Power (ULP) series of products.
This device operates with VCC values from 1.0V to
3.6V, and is intended for use in portable applications
that require ultra low power consumption.
The internal circuit is composed of a minimum of buffer
stages, to enable ultra low dynamic power.
The FXLP34 is uniquely designed for optimized power
and speed, and is fabricated with an advanced CMOS
technology to achieve high-speed operation while
maintaining low CMOS power dissipation.
Ordering Information
Part Number
Top Mark
Package
Packing Method
FXLP34P5X
X34
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3000 Units on
Tape & Reel
FXLP34L6X
X3
6-Lead MicroPak™, 1.00mm Wide
5000 Units on
Tape & Reel
FXLP34FHX
X3
6-Lead, MicroPak2, 1x1mm Body, .35mm Pitch
5000 Units on
Tape & Reel
Micropak™ and Quiet Series™ are trademarks of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com