Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA06101 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA06101
Description  915.0MHz SAW Resonator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA06101 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA06101 Datasheet HTML 1Page - Golledge Electronics Ltd MA06101 Datasheet HTML 2Page - Golledge Electronics Ltd MA06101 Datasheet HTML 3Page - Golledge Electronics Ltd MA06101 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset, TA19 9DX, UK
915.0MHz SAW Resonator
Model: TD0106A
Part No: MA06101
REV NO.: 1
TD0106A v1
1
A. FEATURES:
1. 2-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 12 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency Fr
MHz
914.850
915.000
915.150
Insertion Loss IL
dB
-
8
9
Equivalent Elements
Motional capacitance C1
fF
-
0.225
-
Motional inductance L1
µH
-
134.5
-
Motional resistance R1
Ohm
-
125
-
Parallel capacitance Co
pF
-
1.9
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 5X5X1.4mm


Similar Part No. - MA06101

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA06191 GOLLEDGE-MA06191 Datasheet
78Kb / 5P
SAW Filter 1350.0MHz
More results

Similar Description - MA06101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
SAW Filter 915.0MHz
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
SAW Filter 915.0MHz
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
SAW Resonator 915.0MHz
MP02715 GOLLEDGE-MP02715 Datasheet
210Kb / 5P
SAW Resonator 915.0MHz
MP05759 GOLLEDGE-MP05759 Datasheet
182Kb / 5P
SAW Resonator 915.0MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com