Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L1X Datasheet(PDF) 17 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 13Page - STMicroelectronics VL53L1X Datasheet HTML 14Page - STMicroelectronics VL53L1X Datasheet HTML 15Page - STMicroelectronics VL53L1X Datasheet HTML 16Page - STMicroelectronics VL53L1X Datasheet HTML 17Page - STMicroelectronics VL53L1X Datasheet HTML 18Page - STMicroelectronics VL53L1X Datasheet HTML 19Page - STMicroelectronics VL53L1X Datasheet HTML 20Page - STMicroelectronics VL53L1X Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID031281 Rev 3
17/35
VL53L1X
Ranging performances
35
3.5
Performances in ambient light conditions
3.5.1
Long distance mode
Test conditions (including those described in Section 3.1: Test conditions) are:
•
Ambient light = dark, 50 kcps/SPAD, 200 kcps/SPAD
•
Distance mode = long
3.5.2
Short distance mode
Test conditions (including those described in Section 3.1: Test conditions) are:
•
Ambient light = dark, 200 kcps/SPAD
•
Distance mode = short
Table 7. Typical performances in ambient light with long distance mode
Parameter
Target reflectance
Dark
50 kcps/SPAD
200 kcps/SPAD
Max. distance (cm)
White 88 %
360
166
73
Grey 54 %
340
154
69
Grey 17 %
170
114
68
Ranging error (mm)
± 20
± 25
± 25
Table 8. Typical performances in ambient light conditions with short distance mode
Parameter
Target reflectance
Dark
200 kcps/SPAD
Max. distance (cm)
White 88 %
130
130
Grey 54 %
130
130
Grey 17%
130
120
Ranging error (mm)
± 20
± 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com