Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6652 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6652
Description  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6652 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6652 Datasheet HTML 17Page - OKI electronic componets MSM6652 Datasheet HTML 18Page - OKI electronic componets MSM6652 Datasheet HTML 19Page - OKI electronic componets MSM6652 Datasheet HTML 20Page - OKI electronic componets MSM6652 Datasheet HTML 21Page - OKI electronic componets MSM6652 Datasheet HTML 22Page - OKI electronic componets MSM6652 Datasheet HTML 23Page - OKI electronic componets MSM6652 Datasheet HTML 24Page - OKI electronic componets MSM6652 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
MICROCONTROLLER INTERFACE MODE
FEATURES
Note: Actual voice ROM area is smaller by 22 Kbits.
• 4-bit ADPCM or 8-bit PCM sound generation
• Melody function
• Edit ROM function
• Two-channel mixing function
• Fade-out function via four-step sound volume attenuation
• Serial input or parallel input selectable
• Built-in beep tone of 0.5 kHz, 1.0 kHz, 1.3 kHz, or 2.0 kHz selectable with a specific code
• Sampling frequency of 4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.6 kHz, 12.8 kHz, 16.0 kHz, or 32.0 kHz
(32 kHz sampling is not possible when using RC oscillation)
• Up to 127 phrases
• Built-in 12-bit D/A converter
• Built-in –40 dB/octave low-pass filter
• Standby function
• Package options:
18-pin plastic DIP (DIP18-P-300-2.54)
(Product name: MSM6652-xxxRS/MSM6653-xxxRS/
MSM6654-xxxRS/MSM6655-xxxRS/
MSM6656-xxxRS/MSM6652A-xxxRS/
MSM6653A-xxxRS/MSM6654A-xxxRS/
MSM6655A-xxxRS/MSM6656A-xxxRS/
MSM6658A-xxxRS)
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product name:MSM6652-xxxGS-K/MSM6653-xxxGS-K/
MSM6654-xxxGS-K/MSM6655-xxxGS-K/
MSM6656-xxxGS-K/MSM6652A-xxxGS-K/
MSM6653A-xxxGS-K/MSM6654A-xxxGS-K/
MSM6655A-xxxGS-K/MSM6656A-xxxGS-K/
MSM6658A-xxxGS-K/MSM66P54-01GS-K/
MSM66P54-02GS-K/MSM66P56-01GS-K/
MSM66P56-02GS-K)
20-pin plastic DIP (DIP20-P-300-2.54-W1) (Product name: MSM66P54-01RS/MSM66P54-02RS/
MSM66P56-01RS/MSM66P56-02RS)
64-pin plastic QFP (QFP64-P-1420-1.00-BK)(Product name: MSM6650GS-BK)
64-pin plastic SDIP (SDIP64-P-750-1.778) (Product name: MSM6650SS)
Device name
Data ROM
size
Maximum playback time (sec)
fSAM=4.0 kHz fSAM=6.4 kHz fSAM=8.0 kHz fSAM=16 kHz
MSM6650
64 Mbits (Max)
4194.3
2620.5
2096.4
1048.2
MSM6656, 6656A
2 Mbits
80.7
64.5
32.2
MSM6655, 6655A
1.5 Mbits
96.5
60.3
48.2
24.1
MSM6654, 6654A
1 Mbit
63.8
39.9
31.9
15.9
MSM6653, 6653A
544 Kbits
31.2
19.5
15.6
7.8
MSM6652, 6652A
288 Kbits
16.9
10.5
8.4
4.2
MSM66P54
1 Mbit
63.8
39.9
31.9
15.9
129.1
80.7
64.5
32.2
MSM6658A
4 Mbits
259.7
162.9
129.8
64.9
fSAM=32 kHz
524.1
16.1
12.0
7.9
3.9
2.1
7.9
32.4
MSM66P56
2 Mbit
129.1
80.7
64.5
32.2
16.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com