Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5303 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5303
Description  Integrated 10 protocols for fast charging protocol ICs for USB ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5303 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP2703
V1.13
http://www.injoinic.com/
2 / 11
Copyright © 2017, Injoinic Corp.
4. 典型应用原理图
引脚 2、引脚 9 用作 CSN 和 CSP:
IP2703
GND
VCC
DP
DM
CC1
VBUS
2kOhm
1uF
GND
Cout
CC2
FB
VOUT
FB
带FB反馈端
的电源芯片
R1
R2
SEL
CC1
CC2
USB Type-C
Connector
CSN
CSP
DM
DP
10mOhm (1%)
3.6V~20V
R1推荐值:100kOhm(精度1%)
R2根据所用电源芯片取值
SEL
Voltage
高电平
5V
浮空
12V
GND
20V
引脚 2、引脚 9 用作 NTC 和 FA:
IP2703
NTC
VCC
DP
DM
CC1
VBUS
2kOhm
1uF
GND
CC2
FB
VOUT
FB
R4
R5
FA
CC1
CC2
USB Type-C
Connector
GND
SEL
R3
RNTC
DM
DP
R4推荐值:100kOhm(精度1%)
R5根据所用电源芯片取值
带FB反馈端
的电源芯片
Cout
3.6V~20V
SEL
Voltage
高电平
5V
浮空
12V
GND
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com